PART |
Description |
Maker |
OCC0096ALUSN00D NC316144RPSDC NC316144RPSAC OCC96 |
Optical Cross Connect
|
MRV Communications, Inc. MRV Communications, Inc...
|
PM5371-RI |
SONET/SDH TRIBUTARY UNIT CROSS CONNECT ATM SWITCHING CIRCUIT, PQFP160
|
PMC-Sierra, Inc.
|
HRPG-AD3251F HRPG-AD3253F HRPG-AS16-51C HRPG-AD16- |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Miniature Panel Mount Optical Encoders
|
Agilent Technologies, Inc. AVAGO TECHNOLOGIES LIMITED AVAGO TECHNOLOGIES LIMI...
|
E909-05 |
The HALIOS? multi purpose optical sensor is based on an optical bridge which provides a contactless detec-tion of gestures (e.g. movement of a finger).
|
ELMOS Semiconductor AG
|
A67L7332E-6 A67L7332E-45 A67L7332E-5 A67L8318E-6 A |
256K X 16/18/ 128K X 32/36 LVTTL/ Pipelined DBA SRAM T1 CABLE DB15M-DB15M CROSS PINNED 10 FT. T1 CABLE RJ48-RJ48 CROSS PINNED 10 FEET T1 CABLE DB15M-RJ48 CROSS PINNED 25 FT. 256K X 16/18, 128K X 32/36 LVTTL, Pipelined DBA SRAM 256 × 16/1828K的X 32/36 LVTTL,管线数据库管理员的SRAM Cycle time:7ns; access time:4.5ns; 256K x 16 LVTTL, pipelined DBA SRAM
|
AMIC Technology Corporation AMIC Technology, Corp.
|
PC3SF11YVZ04 PC3SF11YTZBF PC3SF11YXP PC3SF11YWP PC |
VDRM : 600V, Reinforced insulation type Non-zero cross type DIP 6pin Phototriac Coupler for triggering 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER LEAD FREE, PLASTIC, DIP-6/5 Non-zero cross type DIP 6pin Phototriac Coupler for triggering
|
Sharp Electrionic Components Sharp Electronics, Corp. SHARP ELECTRONICS CORP Sharp Electrionic Compo...
|
HEDS-5500 HEDS-5540 HEDS-5505-A14 HEDS5540 HEDM-55 |
HEDL-5561#J06 · Encoder Line Drivers HEDS-5540#A01 · Quick Assembly Two and Three Channel Optical Encoder HEDS-5140#A02 · Two and Three Channel Codewheels HEDS-5505#A04 · Quick Assembly Two and Three Channel Optical Encoder HEDM-5505#B04 · Quick Assembly Two and Three Channel Optical Encoder HEDS-5600#A06 · Quick Assembly Two and Three Channel Optical Encoder HEDS-5500#A01 · Quick Assembly Two and Three Channel Optical Encoder HEDM-5605#B06 · Quick Assembly Two and Three Channel Optical Encoder HEDM-5600#B06 · Quick Assembly Two and Three Channel Optical Encoder HEDS-5120#A01 · Two and Three Channel Codewheels HEDM-5120#B02 · Two and Three Channel Codewheels HEDM-5500#B01 · Quick Assembly Two and Three Channel Optical Encoder HEDS-8910#001 · Alignment Tool For The 3-channel Quick Assembly Encoders HEDS-554X/564X Series Quick Assembly Two and Three Channel Optical Encoders
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
H21B5 H21B6 H21B4 |
PHOTODARLINGTON OPTICAL INTERRUPTER SWITCH 3.15 mm SLOT WIDTH, 1 CHANNEL SLOTTED OPTICAL SWITCH DARLINGTON OUTPUT
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
62A11-02-040CH 62A15-02-P 62A01-01-PT |
1/2" Package Optical Encoder SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
Grayhill, Inc. GRAYHILL INC
|
EM14R1D-R25-L032S EM14R1D-R20-L032S EM14A0A-B28-L0 |
ROTARY OPTICAL ENCODER - 14MM SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER 14 mm Rotary Optical Encoder w/Switch SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Optical Encoder; Encoder Type:Optical; Encoder Resolution:16CPR; No. of Channels:2; Shaft Diameter:6mm; Series:EM14; Rotation Speed:120rpm; Rotational Life Revolutions:1000000; Torque Max:1.5in-oz RoHS Compliant: Yes ENCODER, ROTARY, OPTICAL, W/SW, 14MM; Resolution, PPR:32; Current rating:25mA; Series:EM14A0D-C24-L032S; Depth, behind panel:10.03mm; Speed, rotational:120rpm; Temperature, operating range:-40(degree C) to 70(degree C); Current, RoHS Compliant: Yes Optical Encoder; Encoder Type:Optical; Encoder Resolution:8CPR; No. of Channels:2; Shaft Diameter:6.35mm; Series:EM14; Rotation Speed:120rpm; Rotational Life Revolutions:1000000; Torque Max:1.5in-oz RoHS Compliant: Yes
|
Bourns, Inc. BOURNS INC
|
OPB470 OPB460 OPB460P11 OPB461L11 OPB461P11 OPB461 |
Photologic Slotted Optical Switches 3.18 mm SLOT WIDTH, 1 CHANNEL SLOTTED OPTICAL SWITCH LOGIC OUTPUT ROHS COMPLIANT, PLASTIC PACKAGE-5
|
OPTEK Technologies TT electronics OPTEK Technology OPTEK TECHNOLOGY INC
|